PART |
Description |
Maker |
2SD2150 2SC4115S 2SD2264 A5800368 2SD2150R |
Low Frequency Transistor(20V/ 3A) TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 3A I(C) | SC-62 From old datasheet system Low Frequency Transistor (20V, 3A) Low Frequency Transistor(20V, 3A) Transistors > Small Signal Bipolar Transistors(up to 0.6W)
|
Rohm
|
2SC4854 2SC4854-5 2SC4854-4 |
晶体管|晶体管|叩| 6V的五(巴西)总裁| 15mA的一c)|36AB SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Low-Voltage Low-Current High-Frequency Amp Applications Low-Voltage, Low-Current High-Frequency Amp Applications
|
SANYO[Sanyo Semicon Device]
|
2SC3355 2SC3355-T |
For amplify low noise and high frequency HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
|
NEC[NEC]
|
2SB1197K A5800311 2SB1197KQ |
Low Frequency Transistor(-32V/ -0.8A) Transistors > Small Signal Bipolar Transistors(up to 0.6W) From old datasheet system Low Frequency Transistor(-32V, -0.8A) 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
Rohm
|
2SB1386 2SB1412 2SB1326 A5800356 2SB1436 |
From old datasheet system Low Frequency Transistor(-20V/-5A) Low Frequency Transistor(-20V,-5A) 低频晶体管(- 20V的,- 5A型)
|
Rohm Toshiba, Corp.
|
FX-104 |
Frequency Translator66.5143MHz Output Locked to Input Frequency 8kHz Clock,Ultra Low Jitter PECL Output频率变换器(155.52MHz时钟输出kHz输入时钟,超低Jitter PECL输出
|
Vectron International, Inc.
|
2SA1312 E000505 |
From old datasheet system AUDIO FREQUENCY LOW NOISE AMPLIDIER APPLICATIONS TRANSISTOR (AUDIO FREQUENCY LOW NOISE AMPLIFIER APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor]
|
SA8027W SA8027DH SA8027DH512 |
2.5 GHz low voltage / low power RF fractional-N/IF integer frequency synthesizer 2.5 GHz low voltage, low power RF fractional-N/IF integer frequency synthesizer 2.5 GHz的低电压,射频fractional-N/IF整数频率合成器的低功
|
Philips NXP Semiconductors N.V.
|
LTM4608AMPV-PBF LTM4608AMPV LTM4608AIV-PBF LTM4608 |
Low VIN, 8A DC/DC μModule with Tracking, Margining, and Frequency Synchronization Low VIN, 8A DC/DC 渭Module with Tracking, Margining, and Frequency Synchronization Low VIN, 8A DC/DC 楼矛Module with Tracking, Margining, and Frequency Synchronization
|
Linear Technology
|
2SD2396 D2396 2SD2396H |
TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 3A I(C) | TO-220VAR 晶体管|晶体管|叩| 60V的五(巴西)总裁| 3A条一(c)|20VAR Low Frequency Transistor (60V, 3A) Low Frequency Transistor (60V/ 3A)
|
PCA Electronics, Inc. Rohm CO.,LTD.
|
EC3H04C 1224 |
NPN Epitaxial Planar Silicon Transistor High-Frequency Low-Noise Amplifier and OSC Applications From old datasheet system High-Frequency Low-Noise Amplifier and OSC Applications 高频低噪声放大器和OSC应用
|
Sanyo Semicon Device Sanyo Electric Co., Ltd.
|
CSA1162Y-3E CSA1162 CSA1162GR_G-3F CSA1162GRG-3F C |
0.150W Low Frequency PNP SMD Transistor. 50V Vceo, 0.150A Ic, 200 - 400 hFE. Complementary CSC2712 LOW FREQUENCY GENERAL PURPOSE AMPLIFIER TRANSISTOR TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 150MA I(C) | SOT-23 晶体管|晶体管|进步党| 50V五(巴西)总裁| 150毫安一c)| SOT - 23封装
|
CDIL[Continental Device India Limited]
|